Part Number Hot Search : 
BH7601FS DRS1212 1215S 37300 627ER 2SB15 00BGXC 3DD130
Product Description
Full Text Search
 

To Download 47632-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 01/25/2011 please check www.molex.com for latest part information part number: 0476322000 status: active overview: high_definition_multimedia_interface_hdmi description: 0.50mm (.020") pitch hdmi* receptacle, vertical, smt, with flange and pick-and- place cover, 0.30m (12") gold (au) plating, 19 circuits, traypackaging, lead free documents: 3d model product specification ps-47632-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 47632 application wire-to-board comments with flange component type receptacle overview high_definition_multimedia_interface_hdmi product name hdmi type n/a physical boot color n/a circuits (loaded) 19 circuits (maximum) 19 color - resin black gender male keying to mating part yes lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin-bismuth material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator yes pcb retention yes packaging type tray panel mount with flange pitch - mating interface 0.50mm (.020") pitch - termination interface 0.50mm (.020") plating min - mating 0.305m (12") plating min - termination 0.025m (1") polarized to mating part yes polarized to pcb yes ports 1 temperature range - operating -20c to +85c termination interface: style surface mount waterproof / dustproof no wire size awg n/a electrical current - maximum per contact 0.5a voltage - maximum 40v dc material info reference - drawing numbers series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47632 series
product specification ps-47632-001 sales drawing sd-47632-200 * high definition multimedia interface and hdmi are trademarks of hdmi licensing, llc. this document was generated on 01/25/2011 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 47632-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X